PART |
Description |
Maker |
08-52-0123 08-65-0816 08-65-0812 08-65-0801 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze RoHS Compliant: Yes PHOSPHOR BRONZE, TIN (100) FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze; Contact Plating:Gold PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 100 Crp Term Std 22-30 Awg SGold PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
08-34-0108 |
156 KK Term RA Loose Brass 10Ckt
|
MOLEX INC
|
BB-U-137-08 0192030083 |
Krimptite Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8 Krimptite垄芒 Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8
|
Molex Electronics Ltd.
|
BB-U-137-10 0192030085 |
Krimptite Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10 Krimptite垄芒 Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10
|
Molex Electronics Ltd.
|
0008550106 08-55-0106 |
3.96mm (.156) Pitch KK? Crimp Terminal 2578, 22-26 AWG, Bag, Brass, 0.38μm (15μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2578, 22-26 AWG, Bag, Brass, 0.38楼矛m (15楼矛") Selective Gold (Au) MOLEX Connector
|
Molex Electronics Ltd.
|
0008560107 08-56-0107 2578 |
3.96mm (.156) Pitch KK? Crimp Terminal 2578, 22-26 AWG, Reel, Brass, 0.51μm (20μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2578, 22-26 AWG, Reel, Brass, 0.51楼矛m (20楼矛") Selective Gold (Au)
|
Molex Electronics Ltd.
|
AA-U-133-10 0192030034 |
Krimptite?/a> Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10
|
Molex Electronics Ltd.
|
0039000286 |
3.96mm (.156) Pitch KK? Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9μm (35μ) Pre-Plated Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9楼矛m (35楼矛") Pre-Plated Gold (Au)
|
Molex Electronics Ltd.
|
08-58-0126 2578-B-L |
3.96mm (.156) Pitch KK? Crimp Terminal 2578, 22-26 AWG, Bag, Phosphor Bronze, 0.51μm (20μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2578, 22-26 AWG, Bag, Phosphor Bronze, 0.51楼矛m (20楼矛") Selective Gold (Au)
|
Molex Electronics Ltd.
|
08-58-0121 |
3.96mm (.156) Pitch KK? Crimp Terminal 2478, 18-24 AWG, Reel, Phosphor Bronze, 0.51μm (20μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2478, 18-24 AWG, Reel, Phosphor Bronze, 0.51楼矛m (20楼矛") Selective Gold (Au)
|
Molex Electronics Ltd.
|
640431 640431-3 640431-2 640431-4 640431-5 640431- |
MTA 156 CONNECTOR ASSMBLY, 18 AWG, STANDARD
|
Tyco Electronics
|
|